Part Number Hot Search : 
4ABT7 AKD43 V6319 02100 EMK32 1N4131 25PPC405 NBSG86A
Product Description
Full Text Search
 

To Download MBR2050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
Dual Common-Cathode Schottky Rectifier
TO-220AB ITO-220AB
FEATURES * Guardring for overvoltage protection * Lower power losses, high efficiency * Low forward voltage drop * High forward surge capability * High frequency operation * Meets MSL level 1, per J-STD-020, LF maximum peak of 245 C (for TO-263AB package) * Solder dip 260 C, 40 s (for TO-220AB and ITO-220AB package) * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
2 MBR20xxCT
PIN 1 PIN 3 PIN 2 CASE
3 1 MBRF20xxCT
PIN 1 PIN 3 PIN 2
2
3
1
TO-263AB K
2 1 MBRB20xxCT
PIN 1 PIN 2
TYPICAL APPLICATIONS For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. MECHANICAL DATA
K HEATSINK
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM VF TJ max. 10 A x 2 35 V to 60 V 150 A 0.57 V, 0.70 V 150 C
Case: TO-220AB, ITO-220AB, TO-263AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix for consumer grade, meets JESD 201 class 1A whisker test, HE3 suffix for high reliability grade (AEC Q101 qualified), meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs maximum
MAXIMUM RATINGS (TC = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC = 135 C total device per diode SYMBOL VRRM VRWM VDC IF(AV) IFSM IRRM dV/dt TJ TSTG VAC 1.0 10 000 - 65 to + 150 - 65 to + 175 1500 MBR2035CT 35 35 35 MBR2045CT 45 45 45 20 10 150 0.5 MBR2050CT 50 50 50 MBR2060CT 60 60 60 UNIT V V V A A A V/s C C V
Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode Peak repetitive reverse surge current per diode at tp = 2 s, 1 kHz Voltage rate of change (rated VR) Operating junction temperature range Storage temperature range Isolation voltage (ITO-220AB only) from terminal to heatsink t = 1 min
Document Number: 88674 Revision: 08-Nov-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage per diode (1) TEST CONDITIONS IF = 10 A IF = 10 A IF = 20 A IF = 20 A TC = 25 C TC = 125 C TC = 25 C TC = 125 C TC = 25 C TC = 125 C SYMBOL MBR2035CT MBR2045CT MBR2050CT MBR2060CT 0.65 0.57 0.84 0.72 0.1 15 0.80 0.70 0.95 0.85 0.15 15 UNIT
VF
V
Maximum reverse current per diode at rated DC blocking voltage per diode (1) Note:
IR
mA
(1) Pulse test: 300 s pulse width, 1 % duty cycle
THERMAL CHARACTERISTICS (TC = 25 C unless otherwise noted)
PARAMETER Typical resistance from junction to case per diode SYMBOL RJC MBR 2.0 MBRF 5.0 MBRB 2.0 UNIT C/W
ORDERING INFORMATION (Example)
PACKAGE TO-220AB ITO-220AB TO-263AB TO-263AB TO-220AB ITO-220AB TO-263AB TO-263AB Note: (1) Automotive grade AEC Q101 qualified PREFERRED P/N MBR2045CT-E3/45 MBRF2045CT-E3/45 MBRB2045CT-E3/45 MBRB2045CT-E3/81 MBR2045CTHE3/45 (1) MBRF2045CTHE3/45 (1) MBRB2045CTHE3/45 (1) MBRB2045CTHE3/81 (1) UNIT WEIGHT (g) 1.85 1.99 1.35 1.35 1.85 1.99 1.35 1.35 PACKAGE CODE 45 45 45 81 45 45 45 81 BASE QUANTITY 50/tube 50/tube 50/tube 800/reel 50/tube 50/tube 50/tube 800/reel DELIVERY MODE Tube Tube Tube Tape reel Tube Tube Tube Tape reel
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
20 Resistive or Inductive Load 160
Peak Forward Surge Current (A)
Average Forward Current (A)
16
140
TJ = TJ Max. 8.3 ms Single Half Sine-Wave
120
12
100
8
80
4
60
0 0 50 100 150
40 1 10 100
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Derating Curve (Total)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Diode Document Number: 88674 Revision: 08-Nov-07
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
100
10 000 TJ = 150 C TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Instantaneous Forward Current (A)
10
Pulse Width = 300 s 1 % Duty Cycle
1.0
Junction Capacitance (pF)
TJ = 25 C
1000
0.1 MBR2035CT - MBR2045CT MBR2050CT & MBR2060CT 0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
MBR2035CT - MBR2045CT MBR2050CT & MBR2060CT 100 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 5. Typical Junction Capacitance Per Diode
100
100 MBR2035CT - MBR2045CT MBR2050CT & MBR2060CT
10 TJ = 125 C
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
10
1
0.1
TJ = 75 C
1
0.01
TJ = 25 C
0.001
0 20 40 60 80 100
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t - Pulse Duration (s)
Figure 4. Typical Reverse Characteristics Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
Document Number: 88674 Revision: 08-Nov-07
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
MBR(F,B)2035CT thru MBR(F,B)2060CT
Vishay General Semiconductor
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.415 (10.54) MAX. 0.370 (9.40) 0.360 (9.14) 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.635 (16.13) 0.625 (15.87) 3 0.603 (15.32) 0.573 (14.55) 0.350 (8.89) 0.330 (8.38) 1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36) 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14)
45 REF. 0.404 (10.26) 0.384 (9.75) 0.076 (1.93) REF. 0.076 (1.93) REF.
7 REF. 0.140 (3.56) DIA. 0.125 (3.17) DIA. 0.135 (3.43) DIA. 0.122 (3.08) DIA.
ITO-220AB
0.190 (4.83) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54)
0.600 (15.24) 0.580 (14.73)
PIN
0.671 (17.04) 0.651 (16.54)
7 REF. 0.350 (8.89) 0.330 (8.38)
1 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45)
PIN 2
1
2
3
7 REF.
0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.025 (0.64) 0.015 (0.38) 0.105 (2.67) 0.095 (2.41)
0.191 (4.85) 0.171 (4.35)
0.110 (2.79) 0.100 (2.54)
0.057 (1.45) 0.045 (1.14)
0.035 (0.89) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95)
0.028 (0.71) 0.020 (0.51)
TO-263AB
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN. K 0.360 (9.14) 0.320 (8.13) 1 K 2 0.055 (1.40) 0.047 (1.19) 0.670 (17.02) 0.591 (15.00) 0.15 (3.81) MIN. 0.08 (2.032) MIN. 0.105 (2.67) 0.095 (2.41) 0.33 (8.38) MIN. 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout
0.42 (10.66) MIN.
0.624 (15.85) 0.591 (15.00)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67) 0.095 (2.41)
0 to 0.01 (0 to 0.254) 0.110 (2.79) 0.090 (2.29) 0.021 (0.53) 0.014 (0.36) 0.205 (5.20) 0.195 (4.95) 0.140 (3.56) 0.110 (2.79)
www.vishay.com 4
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88674 Revision: 08-Nov-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBR2050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X